PART |
Description |
Maker |
19003-0048 19003-0057 19003-0053 19003-0056 19003- |
.250 X.032 FML FIQD EXP CONT.(BB-2206XC) 2 mm2, PUSH-ON TERMINAL .187X.032 FEMALE AQUA FIQD CONT BB-2208C 2 mm2, PUSH-ON TERMINAL .187X.020 FEMALE FIQD EXPANDED (BB-2207X 2 mm2, PUSH-ON TERMINAL .187 X .032 FEMALE FIQD (BB-2208) 2 mm2, PUSH-ON TERMINAL .250 X.032 FML FIQD EXP TAPED(BB-2206XT) 2 mm2, PUSH-ON TERMINAL 190030058 2 mm2, PUSH-ON TERMINAL .205 X .020 BLUE FIQD CONT BB-2215C 2 mm2, PUSH-ON TERMINAL .250 X.032 FML FIQD EXP TAPED(AA-2201XT) 0.8 mm2, PUSH-ON TERMINAL 190030060 2 mm2, PUSH-ON TERMINAL .187 X .020 FEMALE FIQD CONT. (AA-2202C) 0.8 mm2, PUSH-ON TERMINAL .250 X .032 FEMALE FIQD CON 2 mm2, PUSH-ON TERMINAL
|
Molex, Inc. TE Connectivity, Ltd. MOLEX INC
|
CONSMA010 |
SMA MALE TO SMA FEMALE RIGHT ANGLE ADAPTOR
|
List of Unclassifed Man...
|
CA-PLCC020-Z-P-T-01 |
Carrier adaptor; 2 piece pluggable adaptor, PLCC ZIF socket with test probes to male PLCC plug.
|
Ironwood Electronics.
|
CA-PLCC028-Z-J-T-01 |
Carrier adaptor; 2 piece pluggable adaptor, PLCC ZIF socket with test probes to surface mountable PLCC emulator foot.
|
Ironwood Electronics.
|
CA-PLCC044-Z-C-T-01 |
Carrier adaptor; 2 piece pluggable adaptor, PLCC ZIF socket with test probes to surface mountable PLCC emulator foot.
|
Ironwood Electronics.
|
CA-QFE44SE-L-Z-T-01 |
Carrier Adaptor 44 position QFP Carrier Adaptor to mini grid. Package specs: 12mm tip to tip, 10mm body, 0.8mm pitch.
|
Ironwood Electronics.
|
28S132-S00N5 |
ADAPTOR QMA PLUG ?SMA PLUG
|
Rosenberger Hochfrequen...
|
AN7908F AN7908T AN7912F AN7912T AN7920F AN7920T AN |
3-pin Negative Output Voltage Regulators 1A Type 3-pin Negative Output Voltage Regulators (1A Type) ASSY CABLE H.FL/SMA JACK 3,0 CON/15 FJ DP SO T BL RC
|
http:// PANASONIC[Panasonic Semiconductor] Panasonic Corporation
|
2900 29-08-0524-MG |
Card Connector microSD - Normal Polarization, Push-Push, Surfacemount
|
3M Electronics
|
PTJ90 |
PTJ90 Series Dual Concentric Shaft Panel Control w/Push-Push Switch
|
Bourns Electronic Solutions
|
SIMS60 |
SIM Card Connector Push/Push Type 6 or 8 Pin
|
Major League Electronics
|
FPS009-2405-0 |
SD Card and MMC Reader - Push / Push (Low Profile)
|
Yamaichi Electronics Co., Ltd.
|